PART |
Description |
Maker |
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
R3131N26EA5-TR R3131NXXXA R3130NXXXA R3130N36EA-TR |
Low Voltage Detector with built-in Delay Circuit Low Voltage Detector with built in Delay Circuit Low voltage detector with built-in delay circuit. Detector threshold 3.6V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 400ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 200ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR.
|
Ricoh
|
NJU7707F NJU7706 NJU7706F NJU7707 |
10-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 VOLTAGE DETECTOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
BU4209FVE-TR BU4309FVE-TR BU4248FVE-TR BU4348FVE-T |
Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
|
Rohm
|
MCP111 MCP112 MCP111-195 MCP112T-475E MCP111T-195I |
The MCP111/112 Series are CMOS voltage detectors are well suited for portable, consumer electrics applications due to the extremely ... Micropower Voltage Detector
|
MICROCHIP[Microchip Technology]
|
R1221N16AH-TR R1221N15AH-TR R1221N17AH-TR R1221N18 |
High Power Chip - HPC 12 2 1% B Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Voltage-Mode SMPS Controller 电压模式开关电源控制器 Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 降压直流/直流电压检测器 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Ricoh Co., Ltd. http:// RICOH electronics devices division
|
MB3761PF-E1 MB376106 |
VOLTAGE DETECTOR
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
MB3761 MB3761PS MB3761M MB3761PF |
VOLTAGE DETECTOR
|
Fujitsu Microelectronics Fujitsu Media Devices Limited Fujitsu Component Limited.
|
S-8054ALB S-8054ALO S-8054ALR S-8054ALY S-8054HN S |
VOLTAGE DETECTOR
|
ETC[ETC]
|